Part Number Hot Search : 
LC6538D RG2GE 5630D7 50N03 C1210 00144 PXC36D 4000V
Product Description
Full Text Search
 

To Download TLOH190P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TLOH190P 2002-09-25 1 toshiba led lamp ingaa ? p orange light emission TLOH190P panel circuit indicator  10mm diameter  ingaa ? p orange led  all plastic mold type.  colorless clear lens  low drive current, high intensity orange light emission recommended forward current: i f = 1~20ma (dc)  all plastic molded lens, provides an excellent on ? off contrast ratio.  fast response time, capable of pulse operation.  high power luminous intensity  without stand ? offs  applications: suitable for outdoor message signboard, safety equipment. maximum ratings (ta = 25c) characteristic symbol rating unit forward current (dc) i f 50 ma reverse voltage v r 4 v power dissipation p d 125 mw operating temperature range t opr  30~85 c storage temperature range t stg  40~120 c unit in mm jedec D eiaj D toshiba weight: 1.0g
TLOH190P 2002-09-25 2 electrical and optical characteristics (ta = 25c) characteristic symbol test condition min typ. max unit forward voltage v f i f = 20ma D 2.1 2.5 v reverse current i r v r = 4v D D 50 a TLOH190P 8500 33000 D luminous intensity TLOH190P(xy) i v i f = 20ma (note) 15300 D 73600 mcd peak emission wavelength p i f = 20ma D 612 D nm spectral line half width ? i f = 20ma D 15 D nm dominant wavelength d i f = 20ma D 605 D nm (note): lamps are classified into the following ranks according to their luminous intensity. measurement tolerance for each limit is 15%. s: 10000  20000mcd, x: 18000  36000mcd, y: 32000  64000mcd. precaution please be careful of the followings  soldering temperature: 260cmax soldering time: 3s max (soldering portion of lead: up to 2mm from the body of the device)  if the lead is formed, the lead should be formed up to 5mm from the body of the device without forming stress to the resin. soldering should be performed after lead forming.  this visible led lamp also emits some ir light. if a photodetector is located near the led lamp, please ensure that it will not be affected by this ir light.
TLOH190P 2002-09-25 3 relative luminous intensity ? wavelength wavelength (nm) relative luminous intensity i v 1.0 0 540 0.8 0.6 0.4 0.2 560 580 600 620 640 660 i f = 20ma ta = 2 5 c i f ? ta ambient temperature ta (c) allowable forward current i f (ma) 80 0 0 20 40 60 80 100 60 40 20 i f ? v f forward voltage v f (v) forward current i f (ma) 50 1 1.6 30 10 5 3 1.7 1.8 1.9 2.0 2.1 2.2 ta = 25c 2.3 i v ? tc case temperature tc (c) relative luminous intensity i v 80 3 0.1 ? 20 0.3 1 0.5 0 20 40 60 i v ? i f forward current i f (ma) luminous intensity i v (mcd) 50000 100000 30000 1 5000 3000 1000 500 3 5 10 30 50 0.5 100 10000 ta = 25c radiation pattern ta = 25c 0 0.2 0.4 0.6 0.8 0 10 20 30 40 50 60 70 80 90 10 20 30 40 50 60 70 80 90
TLOH190P 2002-09-25 4  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  gallium arsenide (gaas) is a substance used in the products described in this document. gaas dust and fumes are toxic. do not break, cut or pulverize the product, or use chemicals to dissolve them. when disposing of the products, follow the appropriate regulations. do not dispose of the products with other industrial waste or with domestic garbage.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707eac restrictions on product use


▲Up To Search▲   

 
Price & Availability of TLOH190P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X